PART |
Description |
Maker |
SD-91816-001 91816-0014 |
C-Grid Vertical Header Assembly, Dual Row, 14 Circuits
|
Molex Electronics Ltd.
|
5-1375582-4 5-1375582-9 |
AMPMODU MTE SURFACE MOUNT. VERTICAL HEADER ASSEMBLY
|
Tyco Electronics
|
1-146282-0 |
HEADER ASSEMBLY, MOD II, BREAKAWAY, SINGLE ROW, HIGH TEMPERATURE, VERTICAL
|
Tyco Electronics
|
4-794632-0 4-794632-6 4-794632-4 4-794632-8 2-7946 |
VERTICAL HEADER ASSEMBLY, THRU HOLE, 30 GOLD, DUAL ROW, MICRO MATE-N-LOK
|
Tyco Electronics
|
3-103321-0 3-103321-1 3-103321-7 3-103321-9 3-1033 |
ASSEMBLY, HEADER, BREAKAWAY, MOD II, SINGLE ROW, .100 C/L, VERTICAL, WITH .025 SQUARE POSTS
|
Tyco Electronics
|
15-24-7140 39-00-0039-C 39-00-0041-C 15-24-6040 15 |
Blind Mate Vertical and Right Angle Header, Vertical Receptacle Header, Plug and Receptacle
|
MolexKits
|
1755736 1755765 1755804 1755749 1755752 1755817 17 |
HEADER PCB VERT 5.08MM 2WAY HEADER PCB VERT 5.08MM 5WAY HEADER PCB VERT 5.08MM 9WAY HEADER PCB VERT 5.08MM 3WAY HEADER PCB VERT 5.08MM 4WAY HEADER PCB VERT 5.08MM 10WAY HEADER PCB VERT 5.08MM 6WAY HEADER PCB VERT 5.08MM 8WAY Header with side panels, plug-in direction vertical to the p.c.b. Header with side panels, plug-in direction vertical to the p.c.b.
|
PHOENIX CONTACT
|
M52-5102545 M52-5012945 |
1.27mm Pitch DIL Vertical PC Tail Socket Assembly, 4.6mm height, gold, 25 25-way 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 1.27mm Pitch SIL Vertical PC Tail Socket Assembly, 8.5mm height, gold, 29-way
|
Harwin PLC HARWIN INC
|
0747121009 |
6.25mm (.246) Pitch Ganged RF Header, Vertical, 6 Circuits, Long Tails, Without Packaging Header
|
Molex Electronics Ltd.
|
M50-4302445 M50-4903845 M50-4903045 M50-4302845 M5 |
1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 24 24-way 48 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Pin Header, single polarised, gold, 38 38-way 76 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Pin Header, single polarised, gold, 30 30-way 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 28 28-way 56 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 27 27-way 54 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 5 5-way 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
|